Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24SW Fiches technique(PDF) 9 Page - Maxwell Technologies

No de pièce 24SW
Description  24 Channel MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SW Fiches technique(HTML) 9 Page - Maxwell Technologies

Back Button 24SW Datasheet HTML 3Page - Maxwell Technologies 24SW Datasheet HTML 4Page - Maxwell Technologies 24SW Datasheet HTML 5Page - Maxwell Technologies 24SW Datasheet HTML 6Page - Maxwell Technologies 24SW Datasheet HTML 7Page - Maxwell Technologies 24SW Datasheet HTML 8Page - Maxwell Technologies 24SW Datasheet HTML 9Page - Maxwell Technologies 24SW Datasheet HTML 10Page - Maxwell Technologies 24SW Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
Q176-01
Note: All dimensions in inches
176 PIN RAD-PAK® QUAD FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.239
0.264
0.289
b
0.028
0.030
0.032
c
0.010
0.012
0.014
D
2.425
2.450 SQ
2.475
D1
2.150
e
0.050 BSC
L
4.025
4.040
4.045
L1
3.985
4.000
4.005
L2
3.168
3.200
3.232
A1
0.051
0.058
0.065
F1
2.195
2.200
2.205
F4
2.395
2.400
2.405
N
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11