Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C13353 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce C13353
Description  횠21.1 mm mini reflector with ~40째 wide beam
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13353 Fiches technique(HTML) 1 Page - Ledil, Inc.

  C13353 Datasheet HTML 1Page - Ledil, Inc. C13353 Datasheet HTML 2Page - Ledil, Inc. C13353 Datasheet HTML 3Page - Ledil, Inc. C13353 Datasheet HTML 4Page - Ledil, Inc. C13353 Datasheet HTML 5Page - Ledil, Inc. C13353 Datasheet HTML 6Page - Ledil, Inc. C13353 Datasheet HTML 7Page - Ledil, Inc. C13353 Datasheet HTML 8Page - Ledil, Inc. C13353 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
C13353_LEILA-R-CLIP16
LEILA-R-CLIP16
Ø21.1 mm mini reflector with ~40° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
13 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
LEILA-R-CLIP16
Reflector
HRPC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13353_LEILA-R-CLIP16
» Box size: 300 x 250 x 250 mm
2400
320
40
4.0
Last update: 11/04/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Numéro de pièce similaire - C13353

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C13353 CREE-C13353 Datasheet
2Mb / 42P
Leila series
More results

Description similaire - C13353

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
FCP15348 LEDIL-FCP15348 Datasheet
6Mb / 5P
~40째 wide beam
FP14997 LEDIL-FP14997 Datasheet
5Mb / 8P
~40째 wide beam
CA11183 LEDIL-CA11183 Datasheet
1Mb / 4P
~40째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
Mini reflector with ~72째 wide beam.
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CP12636 LEDIL-CP12636 Datasheet
3Mb / 5P
~40째 wide beam
C12469 LEDIL-C12469 Datasheet
3Mb / 11P
White mini reflector with ~80째 wide beam.
C12501 LEDIL-C12501 Datasheet
7Mb / 7P
~40째 wide beam
C12358 LEDIL-C12358 Datasheet
1Mb / 5P
~40째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com