Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD035VX3 Fiches technique(PDF) 21 Page - AZ Displays

No de pièce PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZDISPLAYS [AZ Displays]
Site Internet  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Fiches technique(HTML) 21 Page - AZ Displays

Back Button PD035VX3 Datasheet HTML 17Page - AZ Displays PD035VX3 Datasheet HTML 18Page - AZ Displays PD035VX3 Datasheet HTML 19Page - AZ Displays PD035VX3 Datasheet HTML 20Page - AZ Displays PD035VX3 Datasheet HTML 21Page - AZ Displays PD035VX3 Datasheet HTML 22Page - AZ Displays PD035VX3 Datasheet HTML 23Page - AZ Displays PD035VX3 Datasheet HTML 24Page - AZ Displays PD035VX3 Datasheet HTML 25Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:21
⏐YA-YB⏐
Note
14-6 : Cross Talk (CTK) =
YA
×
100%
YA : Brightness of Pattern A
YB : Brightness of Pattern B
Pattern A
(Gray Level 31)
Pattern B
(Gray Level 31, central
black box exclusive)
: Testing Point (A and B are at the same point.)
YA
YB
1/3
1/3
1/3
1/3
1/3
1/3
Black
(Gray Level 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27