| Moteur de recherche de fiches techniques de composants électroniques |
|
STV7612 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7612 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 18 page ![]() STV7612 ADCS 7399251 15/18 Figure 2: Test Configuration INPUT/OUTPUT SCHEMATICS Figure 3: , , F/ Input Figure 4: CLK, STB Input Figure 5: A1 to A6, B1 to B6 Figure 6: Power Output VDOUTH IDOUTH VSSP VDOUTL IDOUTL VSSP VPP=VSSP VPP=VSSP Output sinking current as positive value, sourcing current as negative value PO L BL K R POL, BLK, F/R Pins 51, 50, 52 V CC V CC GNDLOG GNDSUB CLK, STB Pins 56, 57 V CC V CC GNDLOG GNDSUB A1 to A6, B1 to B6 Pins 59 to 64, 49 to 44 V CC V CC GNDLOG GNDSUB V CC V PP OUT1 to OUT 96 Pins 73 to 105, 112 to 141, 4 to 36 V SSP 3 |