| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAV801 Fiches technique(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 Fiches technique(HTML) 31 Page - Analog Devices |
|
31 / 56 page ![]() ADAV801 Rev. 0 | Page 31 of 56 r IV1 IV0 DIV1 Table 17. SRC and Clock Control Registe SRCD SRCD CLK2 CLK2DIV0 CLK1DIV1 CLK1DIV0 MCLKSEL1 MCLKSEL0 7 6 5 4 3 2 1 0 ADDRESS = 0000000 (0x00) SRCDIV1–0 Divides the SRC master clock. 00 = SRC master clock is not divided. vided by 1.5. is divided by 2. is divided by 3. e by 1.5. ck 1 (ICLK1). 01 = Divide by 1.5. 10 = Divide by 2. selection e SRC m = Internal C k 1. ernal Clock 2. 6 × fS). 01 = SRC master clock is di 10 = SRC master clock 11= SRC master clock CLK2DIV1–0 Clock divider for Internal Clock 2 (ICLK2). 00 = Divide by 1. 01 = Divid 10 = Divide by 2. 11 = Divide by 3. CLK1DIV1–0 Clock divider for Internal Clo 00 = Divide by 1. 11 = Divide by 3. MCLKSEL1–0 Clock for th aster clock. 00 loc 01 = Int 10 = PLL recovered clock (512 × fS). 11 = PLL recovered clock (25 Table 18. SPDIF Loop RES RES RES RES RES TxMUX back Control Register RES RES 7 6 5 4 3 2 1 0 ADDRESS = 0000011 (0x03) TxMUX Selects the source for SPDIF output (DITOUT). 0 = SPDIF transmitter, normal mode. 1 = DIRIN, loopback mode. Table 19. Playback Port Control Register CLKSRC0 SPMODE2 SPMODE1 SPMODE0 RES RES RES CLKSRC1 7 6 5 4 3 2 1 0 ADDRESS = 0000100 (0x04) CLKSRC1–0 Selects the clock source for generating the ILRCLK and IBCLK. 00 = Input port is a slave. 01 = Recovered PLL clock. 10 = Internal Clock 1. 11 = Internal Clock 2. SPMODE2–0 Selects the serial format of the playback port. 000 = Left-justified. 001 = I2S. 100 = 24-bit, right-justified. 101 = 20-bit, right-justified. 110 = 18-bit, right-justified. 111 = 16-bit, right-justified. |