Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F13700 Fiches technique(PDF) 10 Page - Ledil, Inc.

No de pièce F13700
Description  ~15째 spot beam
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13700 Fiches technique(HTML) 10 Page - Ledil, Inc.

Back Button F13700 Datasheet HTML 6Page - Ledil, Inc. F13700 Datasheet HTML 7Page - Ledil, Inc. F13700 Datasheet HTML 8Page - Ledil, Inc. F13700 Datasheet HTML 9Page - Ledil, Inc. F13700 Datasheet HTML 10Page - Ledil, Inc. F13700 Datasheet HTML 11Page - Ledil, Inc. F13700 Datasheet HTML 12Page - Ledil, Inc. F13700 Datasheet HTML 13Page - Ledil, Inc. F13700 Datasheet HTML 14Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PRODUCT
DATASHEET
F13700_BARBARA-S-PF
PHOTOMETRIC DATA (MEASURED):
LED
XTM - 19mm LES
FWHM
20.0°
Efficiency
88 %
Peak intensity
3.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C14636_XTM-PF-ADAPTER
LED
XTM - 9mm LES
FWHM
12.0°
Efficiency
90 %
Peak intensity
9.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C14636_XTM-PF-ADAPTER
Last update: 24/11/2019
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com