Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMA310 Fiches technique(PDF) 69 Page - NXP Semiconductors

No de pièce KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Fiches technique(HTML) 69 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 63Page - NXP Semiconductors KMA310 Datasheet HTML 64Page - NXP Semiconductors KMA310 Datasheet HTML 65Page - NXP Semiconductors KMA310 Datasheet HTML 66Page - NXP Semiconductors KMA310 Datasheet HTML 67Page - NXP Semiconductors KMA310 Datasheet HTML 68Page - NXP Semiconductors KMA310 Datasheet HTML 69Page - NXP Semiconductors KMA310 Datasheet HTML 70Page - NXP Semiconductors KMA310 Datasheet HTML 71Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
69 / 71
Fig. 12.
Equivalent output circuit in a power-loss
condition .......................................................... 21
Fig. 13.
Sequence state register and start flags for
integrated self-checks ..................................... 23
Fig. 14.
Envelope curve for the magnitude of angular
error .................................................................33
Fig. 15.
Definition of the reference line ........................ 36
Fig. 16.
Definition of the hysteresis error ..................... 36
Fig. 17.
Definition of the linearity error ......................... 37
Fig. 18.
Definition of the microlinearity error .................37
Fig. 19.
Definition of the temperature drift error ........... 38
Fig. 20.
Envelope curve for the magnitude of angular
error .................................................................39
Fig. 21.
OWI data format ..............................................40
Fig. 22.
OWI start and stop condition ...........................41
Fig. 23.
OWI timing ...................................................... 41
Fig. 24.
OWI write access ............................................ 42
Fig. 25.
OWI read access ............................................ 43
Fig. 26.
OWI command mode procedure ..................... 44
Fig. 27.
Application information for analog output of
KMA310 ...........................................................59
Fig. 28.
Application information for digital output of
KMA310 ...........................................................59
Fig. 29.
Marking ............................................................60
Fig. 30.
Reading point position .....................................61
Fig. 31.
Package outline SOT1288-3 (SIL3) ................ 62
Fig. 32.
Bending recommendation ............................... 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71