Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSCD144CCU6 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSCD144CCU6
Description  Dual NPN Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCD144CCU6 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSCD144CCU6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCD144CCU6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCD144CCU6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCD144CCU6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSCD144C
2-4
2003/12 rev. B
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Vcc= 5V, Io= 100uA
Vin(off)
--
--
0.5
V
Input Voltage
Vo= 0.3V, Io= 2mA
Vin(on)
3
--
--
V
Output Voltage
Io/Iin= 10mA/ 0.5mA
Vo(on)
--
0.1
0.3
V
Input Current
Vin= 5V
Iin
--
--
0.18
mA
Output Current
Vcc= 50V, Vin= 0V
Io(off)
--
--
0.5
uA
DC Current Gain
Vo= 5V, Io= 5mA
Gi
68
--
--
Input Resistance
R1
|0.7|
47
|1.3|
KΩ
Resistance Ratio
R2/R1
|0.8|
1
|1.2|
Transition Frequency
Vce= 10V, Ie= 5mA,
f= 100MHz (note 1)
ft
--
250
--
MHz
Note : 1. Transition frequency of the device.
2. Pulse test: pulse width <=380uS, duty cycle <=2%



Html Pages

1 2 3 4