| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE2072ACDG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2071C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† TLE2071C TLE2071AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT ICC Supply current VO = 0, No load 25 °C 1.35 1.6 2.2 1.35 1.6 2.2 mA ICC Supply current VO = 0, No load Full range 2.2 2.2 mA IOS Short-circuit output VO = 0 VID = 1 V 25 °C −35 −35 mA IOS Short-circuit output current VO = 0 VID = − 1 V 25 °C 45 45 mA † Full range is 0°C to 70°C. TLE2071C operating characteristics at specified free-air temperature, VCC± = ±5 V PARAMETER TEST CONDITIONS TA† TLE2071C TLE2071AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 35 35 SR + Positive slew rate VO(PP) = ± 2.3 V, AVD = − 1, RL = 2 kΩ, Full range 23 23 V/ µs O(PP) AVD = − 1, RL = 2 kΩ, CL = 100 pF, See Figure 1 25 °C 38 38 SR − Negative slew rate CL = 100 pF, See Figure 1 Full range 23 23 V/ µs ts Settling time AVD = − 1, 2-V step, To 10 mV 25 °C 0.25 0.25 s ts Settling time 2-V step, RL = 1 kΩ, CL = 100 pF To 1 mV 25 °C 0.4 0.4 µs Vn Equivalent input noise f = 10 Hz 25 °C 28 55 28 55 nV/ √Hz Vn Equivalent input noise voltage f = 10 kHz 25 °C 11.6 17 11.6 17 nV/ √Hz RS = 20 Ω, See Figure 3 f = 10 Hz to 6 6 VN(PP) Peak-to-peak equivalent RS = 20 Ω, See Figure 3 f = 10 Hz to 10 kHz 25 °C 6 6 µV VN(PP) Peak-to-peak equivalent input noise voltage See Figure 3 f = 0.1 Hz to 10 Hz 25 °C 0.6 0.6 µV In Equivalent input noise current VIC = 0, f = 10 kHz 25 °C 2.8 2.8 fA/ √Hz THD + N Total harmonic distortion VO(PP) = 5 V, AVD = 10, f = 1 kHz, RL = 2 kΩ, 25 °C 0.013% 0.013% THD + N Total harmonic distortion plus noise O(PP) VD f = 1 kHz, RL = 2 kΩ, RS = 25 Ω 25 °C 0.013% 0.013% B1 Unity-gain bandwidth VI = 10 mV, RL = 2 kΩ, 25 °C 9.4 9.4 MHz B1 Unity-gain bandwidth VI = 10 mV, RL = 2 kΩ, CL = 25 pF, See Figure 2 25 °C 9.4 9.4 MHz BOM Maximum output-swing VO(PP) = 4 V, AVD = − 1, 25 °C 2.8 2.8 MHz BOM Maximum output-swing bandwidth VO(PP) = 4 V, AVD = − 1, RL = 2 kΩ ,CL = 25 pF 25 °C 2.8 2.8 MHz φm Phase margin at unity VI = 10 mV, RL = 2 kΩ, 25 °C 56 ° 56 ° φm Phase margin at unity gain VI = 10 mV, RL = 2 kΩ, CL = 25 pF, See Figure 2 25 °C 56 ° 56 ° † Full range is 0°C to 70°C. |