| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS136 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS136 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF9819 February 1992 DM74LS136 Quad 2-Input Exclusive-OR Gate with Open-Collector Outputs General Description This device contains four independent gates each of which performs the logic exclusive-OR function Connection Diagram Dual-In-Line Package TLF9819 – 1 Order Number DM74LS136M or DM74LS136N See NS Package Number M14A or N14A Truth Table Inputs Output AB Z LL L LH H HL H HH L H e HIGH Voltage Level L e LOW Voltage Level C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM74LS136 |
|
Description similaire - DM74LS136 |