| Moteur de recherche de fiches techniques de composants électroniques |
|
IR2103SPBF Fiches technique(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IR2103SPBF Fiches technique(HTML) 4 Page - Infineon Technologies AG |
|
4 / 18 page ![]() IR2103(S)PBF 4 www.irf.com © 2013 International Rectifier April 18, 2013 Absolute Maximum Ratings Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Symbol Definition Min. Max. Units VB High side floating absolute voltage -0.3 625 V VS High side floating supply offset voltage VB - 25 VB + 0.3 VHO High side floating output voltage VS - 0.3 VB + 0.3 VCC Low side and logic fixed supply voltage -0.3 25 VLO Low side output voltage -0.3 VCC + 0.3 VIN Logic input voltage (HIN & LIN ¯¯¯) -0.3 VCC + 0.3 dVS/dt Allowable offset supply voltage transient — 50 V/ns PD Package power dissipation @ TA ≤ +25°C 8 lead PDIP — 1 W 8 lead SOIC — 0.625 RthJA Thermal resistance, junction to ambient 8 lead PDIP — 125 °C/W 8 lead SOIC — 200 TJ Junction temperature — 150 °C TS Storage temperature -55 150 TL Lead temperature (soldering, 10 seconds) — 300 Recommended Operating Conditions The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential. Symbol Definition Min. Max. Units VB High side floating absolute voltage VS + 10 VS + 20 V VS High side floating supply offset voltage † 600 VHO High side floating output voltage VS VB VCC Low side and logic fixed supply voltage 10 20 VLO Low side output voltage 0 VCC VIN Logic input voltage (HIN & LIN) 0 VCC TA Ambient temperature -40 125 °C † Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details). |