Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F256J3A-120 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce JS28F256J3A-120
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-120 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button JS28F256J3A-120 Datasheet HTML 9Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 10Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 11Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 12Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 13Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 14Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 15Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 16Page - Intel Corporation JS28F256J3A-120 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
13
3.3
VF-BGA (J3) Package
NOTES:
1. For Daisy Chain Evaluation Unit information refer to the Intel Flash Memory Packaging Technology Web
page at; www.intel.com/design/packtech/index.htm
2. For Packaging Shipping Media information refer to the Intel Flash Memory Packaging Technology Web page
at; www.intel.com/design/packtech/index.htm
Figure 5. Intel StrataFlash® Memory (J3) VF BGA Mechanical Specifications
E
Se a t in g
Pla n e
T o p V ie w - B u m p S ide D o w n
Bo tt o m Vie w - Ba ll Sid e U p
Y
A
A1
D
A2
Ball A 1
Co r n e r
S1
S2
e
b
Ba ll A1
Co r n e r
A
B
C
D
E
F
8
7
6
5
4
3
2
1
87
6
543
2
1
A
B
C
D
E
F
N o te : D r a w in g no t t o s c ale
S ide V iew
M illi m eters
I n c h e s
S y m b ol
M in
N om
M a x
N o t e s
Mi n
N o m
Ma x
Pa c k a g e H e ig h t
A
1 . 000
0. 0394
Ba ll H e ig h t
A 1
0. 150
0. 0059
Pa ck ag e B o d y T h i c k n es s
A 2
0.665
0.02 62
B a l l (L e a d ) W i d t h
b
0. 325
0.375
0. 425
0. 0128
0.01 48
0. 0167
D
7 . 186
7.286
7. 386
1
0 . 2829
0.28 68
0. 2908
Pa c k a g e B o d y L e n g t h
E
1 0 .7 5 0
1 0. 850
10 .950
1
0 . 4232
0.42 72
0. 4311
Pit c h
[ e ]
0 .7 5 0
0 .0 2 9 5
Ba ll (L e a d ) C o u n t
N
4 8
4 8
Se a t i n g P la n e C o p la n a r ity
Y
0. 100
0. 0039
Co r n e r to B a ll A 1 D i s t a n c e A lo n g D
S 1
0. 918
1.018
1. 118
1
0 . 0361
0.04 01
0. 0440
Co r n e r to B a ll A 1 D i s t a n c e A lo n g E
S 2
3. 450
3.550
3. 650
1
0 . 1358
0.13 98
0. 1437
N o t e : ( 1 ) P ack ag e d i m e n s i o n s are f o r r e f e re n ce o n l y . T h es e d im e n s io n s are es t i m a t e s b a s e d o n d ie s i ze,
an d ar e s u b j ec t t o ch a n g e.
D im e ns i o n s T a bl e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72