Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F320J3A-150 Fiches technique(PDF) 51 Page - Intel Corporation

No de pièce JS28F320J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 Fiches technique(HTML) 51 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 47Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 48Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 49Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 50Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 51Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 52Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 53Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 54Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
51
10 = pulse on Program Complete
Used to generate a system interrupt pulse when any flash device in
an array has completed a program operation. Provides highest
performance for servicing continuous buffer write operations.
11 = pulse on Erase or Program
Complete
Used to generate system interrupts to trigger servicing of flash arrays
when either erase or program operations are completed, when a
common interrupt service routine is desired.
NOTES:
1. When configured in one of the pulse modes, STS pulses low with a typical pulse width of 250 ns.
2. An invalid configuration code will result in both SR.4 and SR.5 being set.
Table 22. STS Configuration Coding Definitions
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Pulse on
Program
Complete
(1)
Pulse on
Erase
Complete
(1)
D[1:0] = STS Configuration Codes
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72