Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F128J3A-150 Fiches technique(PDF) 71 Page - Intel Corporation

No de pièce JS28F128J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3A-150 Fiches technique(HTML) 71 Page - Intel Corporation

Back Button JS28F128J3A-150 Datasheet HTML 64Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 65Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 66Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 67Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 68Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 69Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 70Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 71Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 72Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
71
Appendix E Ordering Information
NOTE:
1. Speeds are for either the standard asynchronous read access times or for the first access of a page-mode read sequence.
VALID COMBINATIONS
P C 2 8 F 2 5 6 J 3 C - 1 2
Product line designator
for all Intel® Flash
products
Access Speed (ns)1
256 Mbit = 125
128 Mbit = 150, 120
64 Mbit = 120, 115
32 Mbit = 110
Product Family
J = Intel
®
StrataFlash
memory,
2 bits-per-cell
Device Density
256 = x8/x16 (256 Mbit)
128 = x8/x16 (128 Mbit)
640 = x8/x16 (64 Mbit)
320 = x8/x16 (32 Mbit)
Voltage (V
CC/V PEN)
3 = 3 V/3 V
5
A = Intel® 0.25
micron lithography
C = Intel® 0.18
micron lithography
Package
E = 56-Lead TSOP (J3A, 802)
TE= 56-Lead TSOP (J3C, 803)
JS = Pb-Free 56-TSOP
RC = 64-Ball Easy BGA
GE = 48-Ball VFBGA
PC = 64-Ball Pb-Free
Easy BGA
56-Lead TSOP
64-Ball Easy BGA
48-Ball VF BGA
E28F320J3A-110
RC28F320J3A-110
GE28F320J3A-110
E28F640J3A-120
RC28F640J3A-120
GE28F320J3C-110
E28F128J3A-150
RC28F128J3A-150
GE28F640J3C-115
TE28F320J3C-110
RC28F320J3C-110
GE28F640J3C-120
TE28F640J3C-115
RC28F640J3C-115
TE28F640J3C-120
RC28F640J3C-120
TE28F128J3C-120
RC28F128J3C-120
TE28F128J3C-150
RC28F128J3C-150
TE28F256J3C-125
RC28F256J3C-125
56-Lead Pb-Free TSOP
64-Ball Pb-Free Easy BGA
JS28F256J3C125
PC28F256J3C125
JS28F128J3C120
PC28F128J3C120
JS28F640J3C115
PC28F640J3C115
JS28F320J3C110
PC28F320J3C110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72