Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTY2-243 Fiches technique(PDF) 8 Page - Mini-Circuits

No de pièce MTY2-243
Description  RF Transformer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTY2-243 Fiches technique(HTML) 8 Page - Mini-Circuits

Back Button MTY2-243 Datasheet HTML 4Page - Mini-Circuits MTY2-243 Datasheet HTML 5Page - Mini-Circuits MTY2-243 Datasheet HTML 6Page - Mini-Circuits MTY2-243 Datasheet HTML 7Page - Mini-Circuits MTY2-243 Datasheet HTML 8Page - Mini-Circuits MTY2-243 Datasheet HTML 9Page - Mini-Circuits MTY2-243 Datasheet HTML 10Page - Mini-Circuits MTY2-243 Datasheet HTML 11Page - Mini-Circuits MTY2-243 Datasheet HTML 12Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
98-TR-F66 Rev.: B (04/01/12) M134929
File: 98-TR-F66.doc
Sheet 1 of 1
This document and its contents are the property of Mini-Circuits.
Tape & Reel Packaging TR-F66
Tape Width,
mm
Device Cavity
Pitch, mm
Reel Size,
inches
Devices per Reel
see note
20
50
100
200
7
Small
quantity
standard
500
8
4
7
Standard
1000, 2000
Note: Please consult individual model data sheet to determine device per reel
availability.
Mini-Circuits carrier tape materials provide protection from ESD (Electro-Static Discharge) during handling
and transportation. Tapes are static dissipative and comply with industry standards EIA-481/EIA-541.
Go to: www.minicircuits.com/pages/pdfs/tape.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13