Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT83SL34IV Fiches technique(PDF) 80 Page - Exar Corporation

No de pièce XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Fiches technique(HTML) 80 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 72Page - Exar Corporation XRT83SL34IV Datasheet HTML 73Page - Exar Corporation XRT83SL34IV Datasheet HTML 74Page - Exar Corporation XRT83SL34IV Datasheet HTML 75Page - Exar Corporation XRT83SL34IV Datasheet HTML 76Page - Exar Corporation XRT83SL34IV Datasheet HTML 77Page - Exar Corporation XRT83SL34IV Datasheet HTML 78Page - Exar Corporation XRT83SL34IV Datasheet HTML 79Page - Exar Corporation XRT83SL34IV Datasheet HTML 80Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
77
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order
to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of
any circuits described herein, conveys no license under any patent or other right, and makes no represen-
tation that the circuits are free of patent infringement. Charts and schedules contained here in are only for
illustration purposes and may vary depending upon a user’s specific application. While the information in
this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where
the failure or malfunction of the product can reasonably be expected to cause failure of the life support sys-
tem or to significantly affect its safety or effectiveness. Products are not authorized for use in such applica-
tions unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury
or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corpo-
ration is adequately protected under the circumstances.
Copyright 2004 EXAR Corporation
Datasheet February 2004.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
REVISIONS
REV #DESCRIPTION
P1.0.0
Initial Issue.
P1.0.1
Revised definitions for bits D6-Do of tables 27 thru 34. Removed reference to long-haul.
P1.0.2
Modified formatting of data sheet and made various edits to text.
P1.0.3
Corrected Microprocessor Interface timing diagrams and data.
P1.0.4
Definition of TXON_n pin changed. RXON_n bit included in the register maps. Table 4, EQC4 and EQC3
changed. RX transformer changed from 2:1 to 1:1. Removed references to 1:2.42 transformer ratio.
Added detailed explanation of LOS operation. Added description of arbitrary pulse. Added description of
the operation of the TRATIO bit. Included Device ID. Added description of Gap Clock Support.
P1.0.5
Minor edits to block diagram, changed issue date to January, corrected register 67 in table 18, corrected
table 37.
P1.0.6
Swapped the function of µPTS1 and µPTS2. Replaced µProcessor timing diagrams and timing informa-
tion, (Figures 27 and 28 -- Tables 49 and 50).
P1.0.7
Updated the Power Consumption numbers.
P1.0.8
Added the New E1 Arbitrary Pulse Feature. Added descriptions to the global registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80