Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RH1005J100CS Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce RH1005J100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

RH1005J100CS Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  RH1005J100CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH1005J100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7
TYPE
L
W
H
I1
I2
X
Y
RT1608
1.60
±0.10
0.80
±0.15
0.45
±0.10
0.30
±0.20
0.35
±0.10
0.50
±0.10
0.40
±0.10
RT2012
2.00
±0.20
1.25
±0.15
0.50
±0.10
0.40
±0.20
0.35
±0.20
0.70
±0.10
0.60
±0.10
RT3216
3.20
±0.20
1.60
±0.15
0.55
±0.10
0.45
±0.20
0.40
±0.20
1.30
±0.10
1.00
±0.10
(Unit : mm)
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
TRIMMABLE CHIP RESISTOR
FEATURES
Available in use of function trimming.
Compatible with both wave and reflow
soldering.
Highly stable in auto-placement surface
mounting application.
Excellent eletrical characteristic.
X, Y : Trimming area
DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12