| Moteur de recherche de fiches techniques de composants électroniques |
|
CDCVF857GQLR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCVF857GQLR Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 19 page ![]() CDCVF857 2.5V PHASELOCK LOOP CLOCK DRIVER SCAS047D − MARCH 2003 − REVISED JUNE 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL I/O DESCRIPTION NAME DGG RHA/RTB GQL I/O DESCRIPTION AGND 17 9 H1 Ground for 2.5 -V analog supply AVDD 16 8 G2 2.5 -V analog supply CLK, CLK 13, 14 5, 6 F1, F2 I Differential clock input FBIN, FBIN 35, 36 25, 26 F5, F6 I Feedback differential clock input FBOUT, FBOUT 32, 33 21, 22 H6, G5 O Feedback differential clock output GND 1, 7, 8, 18, 24, 25, 31, 41, 42, 48 1, 10 A3, A4, C1, C2, C5, C6, H2, H5, K3, K4 Ground PWRDWN 37 27 E6 I Output enable for Y and Y VDDQ 4, 11, 12, 15, 21, 28, 34, 38, 45 4, 7, 13, 18, 23, 24, 28, 33, 38 B3, B4, E1, E2, E5, G1, G6, J3, J4 2.5-V supply Y0, Y0 3, 2 37, 36 A1, A2 O Y1, Y1 5, 6 39, 40 B2, B1 O Y2, Y2 10, 9 3, 2 D1, D2 O Y3, Y3 20, 19 12,11 J2, J1 O Y4, Y4 22, 23 14, 15 K1, K2 O Buffered output copies of input clock, CLK, CLK Y5, Y5 46, 47 34, 35 A6, A5 O Buffered output copies of input clock, CLK, CLK Y6, Y6 44, 43 32, 31 B5, B6 O Y7, Y7 39, 40 29, 30 D6, D5 O Y8, Y8 29, 30 19, 20 J5, J6 O Y9, Y9 27, 26 17, 16 K6, K5 O absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage range, VDDQ, AVDD 0.5 V to 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Notes 1 and 2) – 0.5 V to VDDQ + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) – 0.5 V to VDDQ + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VDDQ) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VDDQ) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VDDQ) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current to GND or VDDQ ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . qJA For TSSOP (DGG) Package (see Note 3) qJA For MLF (RHA/RTB) Package qJA For BGA(GQL) Package (see Note 4) Airflow Low K High K Airflow With 4 Thermal Vias Airflow High K 0 ft/min 89.1 °C/W 70 °C/W 0 ft/min 44.7 °C/W 0 ft/min 132.2 °C/W 150 ft/min 78.5 °C/W 65.3 °C/W 150 ft/min 150 ft/min 126.4 °C/W † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. This value is limited to 3.6 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51. 4. Connecting the NC-balls (C3, C4, D3, D4, G3, G4, H3, H4) to a ground plane improves the θJA to 114.8°C/W (0 airflow). |