Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCW2-6000 Fiches technique(PDF) 6 Page - Mini-Circuits

No de pièce TCW2-6000
Description  RF Transformer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCW2-6000 Fiches technique(HTML) 6 Page - Mini-Circuits

  TCW2-6000 Datasheet HTML 1Page - Mini-Circuits TCW2-6000 Datasheet HTML 2Page - Mini-Circuits TCW2-6000 Datasheet HTML 3Page - Mini-Circuits TCW2-6000 Datasheet HTML 4Page - Mini-Circuits TCW2-6000 Datasheet HTML 5Page - Mini-Circuits TCW2-6000 Datasheet HTML 6Page - Mini-Circuits TCW2-6000 Datasheet HTML 7Page - Mini-Circuits TCW2-6000 Datasheet HTML 8Page - Mini-Circuits TCW2-6000 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
98-TR-F114 Rev.: A (09/11/19) M176130 File: 98-TR-F114
Sheet 1 of 1
This document and its contents are the property of Mini-Circuits.
Tape & Reel Packaging TR-F114
Applicable Case Styles
GE0805C
GE0805C-1
GE0805C-1AP
GE0805C-7
GE0805C-9
GE0805C-10
GE0805C-11
GE0805C-12
JC0603C
JC0603C-4
JC0603C-6
Applicable Case Styles
GE0805C-2
GE0805C-3
GE0805C-4
GE0805C-5
GE0805C-6
GE0805C-8
JC0603C-1
JC0603C-2
JC0603C-3
JC0603C-5
JC0603C-7
JV1210C-1
Tape Width,
mm
Device Cavity
Pitch, mm
Reel Size,
inches
Devices per Reel
8
4
7
Small
quantity
standards
(see note)
20
50
100
200
500
1000
Standard
4000
Note: Please Consult individual model data sheet to determine device per reel availability.
Mini-Circuits carrier tape materials provide protection from ESD (Electro-Static Discharge) during handling
and transportation. Tapes are static dissipative and comply with industry standards EIA-481/EIA-541.
Go to: www.minicircuits.com/pages/pdfs/tape.pdf



Html Pages

1 2 3 4 5 6 7 8 9