Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS258CS Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS258CS
Description  Dual Operating Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS258CS Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS258CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS258CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS258CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS258CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS258CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS258CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS258
3-6
2005/02 rev. A
Circuit Description
The TS258 made using two internally compensated, two-stage operational amplifiers. The first stage performs not
only the first stage gain function but also performs the level shifting and transconductance reduction functions. By
reducing the transconductance, a smaller compensation capacitor (only 5.0pF) can be employed, thus saving chip
area. Another feature of this input stage is that the input common mode range can include the negative supply or
ground, in single supply operation, without saturating either the input devices or the differential to single-ended
converter. The second stage consists of a standard current source load amplifier stage.
Each amplifier is biased from an internal-voltage regulator, and which has a low temperature coefficient thus giving
each amplifier good temperature characteristics as well as excellent power supply rejection.



Html Pages

1 2 3 4 5 6