Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJD41C Fiches technique(PDF) 4 Page - First Silicon Co., Ltd

No de pièce MJD41C
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD41C Fiches technique(HTML) 4 Page - First Silicon Co., Ltd

  MJD41C Datasheet HTML 1Page - First Silicon Co., Ltd MJD41C Datasheet HTML 2Page - First Silicon Co., Ltd MJD41C Datasheet HTML 3Page - First Silicon Co., Ltd MJD41C Datasheet HTML 4Page - First Silicon Co., Ltd MJD41C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min.
Max.
Min.
Max.
A
2.200
2.380
0.087
0.094
A1
0.000
0.100
0.000
0.004
B
0.800
1.400
0.031
0.055
b
0.710
0.810
0.028
0.032
c
0.460
0.560
0.018
0 022
c1
0.460
0.560
0.018
0 022
D
6.500
6.700
0.256
0 264
D1
5.130
5.460
0.202
0 215
E
6.000
6.200
0.236
0 244
e
e1
4.327
4.727
0.170
0.186
M
N
L
9.800
10.400
0.386
0.409
L1
L2
1.400
1.700
0.055
0 067
V
0.190 REF.
1.778REF.
0.762REF.
0.070REF.
0.018REF.
4.830 REF.
2.9REF.
0.114REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.286 TYP.
0.090 TYP.
TO-252 Package Outline Dimensions
TO-252 Suggested Pad Layout
1.100
1.300
0.043
0.051
2020. 02. 18
4/5
Revision No : 1
MJD41C



Html Pages

1 2 3 4 5