| Moteur de recherche de fiches techniques de composants électroniques |
|
FTC4617 Fiches technique(PDF) 3 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FTC4617 Fiches technique(HTML) 3 Page - First Silicon Co., Ltd |
|
3 / 3 page ![]() G M 0.08 (0.003) X D 3 PL J -X- -Y- NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14 5M, 1982 2 CONTROLLING DIMENSION: MILLIMETERS 3 MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL 4 463C-01 OBSOLETE, NEW STANDARD 463C-02 A B Y 1 2 3 N 2 PL K C -T- SEATING PLANE DIM A MIN NOM MIN NOM INCHES 1 50 1 60 1 70 0 059 MILLIMETERS B 0 75 0 85 0 95 0 030 C 0 60 0 70 0 80 0 024 D 0 23 0 28 0 33 0 009 G 0 50 BSC H 0 53 REF J 0 10 0 15 0 20 0 004 K 0 30 0 40 0 50 0 012 L 1 10 REF M −−− −−− 10 −−− N −−− −−− 10 −−− S 1 50 1 60 1 70 0 059 0 063 0 067 0 034 0 040 0 028 0 031 0 011 0 013 0 020 BSC 0 021 REF 0 006 0 008 0 016 0 020 0 043 REF −−− 10 −−− 10 0 063 0 067 MAX MAX M H H L G RECOMMENDED PATTERN OF SOLDER PADS S SC-89 2008. 4. 14 3/3 FTC4617 Revision No : 0 |