Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTC3880 Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce FTC3880
Description  High frequency low noise amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3880 Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  FTC3880 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3880 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3880 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2013. 06. 25
3/3
Revision No : 1
FTC3880
D
J
K
L
A
C
B S
H
G
V
3
1
2
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102
0.1197
2.80
3.04
INCHES
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0180
0.0236
0.45
0.60
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.0984
2.10
2.50
V
0.0177
0.0236
0.45
0.60
STYLE1 1:
PIN 1.
ANODE
2. NO CONNECTION
3. CATHODE
SOT-23 (TO-236AB)
mm
inches
0.037
0.95
0 037
0 95
0 079
2 0
0.035
0 9
0 031
0.8
SOLDERPLATING.
2. LEAD THICKNESSSPECIFIED PER L / FDRAWINGWITH
1. CONTROLLINGDIMENSION: MILLIMETERS
NOTES:



Html Pages

1 2 3