| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3450 Fiches technique(PDF) 8 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3450 Fiches technique(HTML) 8 Page - SMSC Corporation |
|
8 / 40 page ![]() Hi-Speed USB Host or Device PHY With UTMI+ Interface Datasheet Revision 0.1 (05-11-05) 8 SMSC USB3450 DATASHEET 1.1 Applications The USB3450 is targeted for any application where a high speed USB connection is desired. The USB3450 is well suited for: ■ Cell Phones ■ MP3 Players ■ Scanners ■ Set Top Boxes ■ Printers ■ External Hard Drives ■ Still and Video Cameras ■ Portable Media Players ■ Entertainment Devices |