Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF3000PCBA Fiches technique(PDF) 13 Page - RF Micro Devices

No de pièce RF3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000PCBA Fiches technique(HTML) 13 Page - RF Micro Devices

Back Button RF3000PCBA Datasheet HTML 9Page - RF Micro Devices RF3000PCBA Datasheet HTML 10Page - RF Micro Devices RF3000PCBA Datasheet HTML 11Page - RF Micro Devices RF3000PCBA Datasheet HTML 12Page - RF Micro Devices RF3000PCBA Datasheet HTML 13Page - RF Micro Devices RF3000PCBA Datasheet HTML 14Page - RF Micro Devices RF3000PCBA Datasheet HTML 15Page - RF Micro Devices RF3000PCBA Datasheet HTML 16Page - RF Micro Devices RF3000PCBA Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
11-333
RF3000
Rev A4 031216
IEEE802.11b Receive Mode
The RF3000 receiver has an interface similar to the transmit port, and provides link support data through the control port.
The user drives RX PE High to enable the receiver circuitry. The RF3000 then begins to watch the incoming data stream
for a valid Barker code PN sequence.
The RF3000 contains logic to perform AGC when used in conjunction with the RF2948 and RF2494 as in the RF031X
reference designs for IEEE802.11b. The following sections will explain the method of AGC and the calibration hooks that
exist inside the RF3000 to compensate for manufacturing tolerances in total system gain of an IEEE802.11b radio.
Diversity
The RF3000 makes diversity decisions every 1mS while looking for A/D saturation according to the state machine in Fig-
ure 9.
AGC Algorithm
The RF3000 AGC algorithm is implemented to automatically control both the RXVGC of the RF2948 and the LNAGS pin
of the RF2494. The RF3000 is programmed to search the possible gain settings of LNAGS and RXVGC in a binary fash-
ion to quickly determine the final gain setting needed to optimize the inputs to the A/D converters for demodulation. The
AGC algorithm is completely controlled by detection of saturation of the A/D converters.
Saturated
Saturated
Demodulation
(Fine Gain)
NOT Acquired
Acquired
NOT Saturated
ANTSEL = 1
Wait 15 uS
AGC Algorithm
(Course Gain)
NOT Saturated
ANTSEL = 0
Figure 9. Diversity and AGC Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28