Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC6321 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology TC6321 Datasheet HTML 10Page - Microchip Technology TC6321 Datasheet HTML 11Page - Microchip Technology TC6321 Datasheet HTML 12Page - Microchip Technology TC6321 Datasheet HTML 13Page - Microchip Technology TC6321 Datasheet HTML 14Page - Microchip Technology TC6321 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 11
TC6321
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
TC6321
6x5 VDFN
Name
Description
1
SN
Source N-Channel
2
GN
Gate N-Channel
3
GP
Gate P-Channel
4
SP
Source P-Channel
5, 6
DP
Drain P-Channel
7,8
DN
Drain N-Channel
9
EP
Dual Exposed Thermal Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26