Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF3000 Fiches technique(PDF) 22 Page - RF Micro Devices

No de pièce RF3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000 Fiches technique(HTML) 22 Page - RF Micro Devices

Back Button RF3000 Datasheet HTML 18Page - RF Micro Devices RF3000 Datasheet HTML 19Page - RF Micro Devices RF3000 Datasheet HTML 20Page - RF Micro Devices RF3000 Datasheet HTML 21Page - RF Micro Devices RF3000 Datasheet HTML 22Page - RF Micro Devices RF3000 Datasheet HTML 23Page - RF Micro Devices RF3000 Datasheet HTML 24Page - RF Micro Devices RF3000 Datasheet HTML 25Page - RF Micro Devices RF3000 Datasheet HTML 26Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
11-342
RF3000
Rev A4 031216
Register 0x06 - RX Length Field LSB’s (Read only)
The lower byte of the length field received.
Register 0x07 - RX Service Field (Read only)
This register is used per IEEE802.11b specification.
RX_SER7 is length field extension in high data rate proposal 802.11b.
RX_SER3 is modulation selection bit for high rate transmission.
0 - CCK
RX_SER2 signifies Synth Clock to Signal Clock per 802.11 specification.
Register 0x08 - Reserved
Register 0x09 - Reserved
Register 0x0A - Reserved
Register 0x0B - Reserved
Register 0x0C - Reserved
Register 0x0D - Reserved
Register 0x0E - Reserved
Register 0x0F - Reserved
Register 0x10 - Reserved
Register 0x11 - TX Variable Gain and TX Length Field Extension
TXVGC5-TXVGC0 - Gain setting for transmission.
000000 - Min gain
111111 - Max gain
SCRAMBLER - This bit enables and disables the IEEE802.11b data scrambler.
TX_LN16 - TX length extension bit as defined in IEEE 802.11b specification.
Register 0x12 - TX Length Field MSB’s
Register 0x13 - TX Length Field LSB’s
Registers 0x12 and 0x13 indicate the number of microseconds that the RF3000 is to transmit after receiving a request to
start transmission.
RX_LN7RX_LN6RX_LN5RX_LN4RX_LN3RX_LN2RX_LN1RX_LN0
RX_SER7
RX_SER6
RX_SER5
RX_SER4
RX_SER3
RX_SER2
RX_SER1
RX_SER0
TXVGC5
TXVGC4
TXVGC3
TXVGC2
TXVGC1
TXVGC0
SCRAMBLER
TX_LN16
Bit Value
Scrambler Mode
0
Enabled
1
Disabled
TX_LN15
TX_LN14
TX_LN13
TX_LN12
TX_LN11
TX_LN10
TX_LN9
TX_LN8
TX_LN7
TX_LN6
TX_LN5
TX_LN4
TX_LN3
TX_LN2
TX_LN1
TX_LN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28