Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AU2471P1 Fiches technique(PDF) 3 Page - Applied Power Microelectronics Co.,Ltd.

No de pièce AU2471P1
Description  1-Line Uni-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Site Internet  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

AU2471P1 Fiches technique(HTML) 3 Page - Applied Power Microelectronics Co.,Ltd.

  AU2471P1 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. AU2471P1 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. AU2471P1 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. AU2471P1 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision 1
3 of 4
www.appliedpowermicro.com
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
AU2471P1
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current
Power Derating Curve
8 X 20μs Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
Note:Data is taken with a 10x attenuator



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com