Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM3Z11VT1 Fiches technique(PDF) 2 Page - Formosa MS

No de pièce MM3Z11VT1
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM3Z11VT1 Fiches technique(HTML) 2 Page - Formosa MS

  MM3Z11VT1 Datasheet HTML 1Page - Formosa MS MM3Z11VT1 Datasheet HTML 2Page - Formosa MS MM3Z11VT1 Datasheet HTML 3Page - Formosa MS MM3Z11VT1 Datasheet HTML 4Page - Formosa MS MM3Z11VT1 Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MM3Z Series
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Total Power Dissipation on FR-5 Board
@T =25 C
Thermal Resistance Junction to Ambient Air
Forward Voltage @ IF=10mA
Junction and Storage Temperature Range
V
C/W
NOTES:1.FR-4 Minimun Pad
C
R JA
(1)
(1)
PD
VF
Tj,TSTG
Value
200
625
0.9
-65 to+150
mW
(TA=25 C Unless Otherwise Noted)
A
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
V F
ELECTRICAL
CHARACTERISTICS
Device Marking
(P inout: 1-Anode, 2-No C onnection, 3-C athode) (TA = 25 C
unless otherwise noted, V F = 0.9 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
R everse Zener Voltage @ IZT
IZT
R everse C urrent
ZZT
Maximum Zener Impedance @ IZT
IR
R everse Leakage C urrent @ VR
VR
R everse Voltage
IF
F orward C urrent
VF
F orward Voltage @ IF
V Z
Maximum Temperature C oefficient of VZ
C
Max. C apacitance @ VR = 0 and f = 1 MHz
Θ
Item
MM3Z
Series
Marking
XX=Specific Device Code
(See Table on page3)
Equivalent Circuit Diagram
1
2
Cathode
Anode
~ 2 ~
Formosa MS



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com