| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL642G Fiches technique(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL642G Fiches technique(HTML) 21 Page - Advanced Micro Devices |
|
21 / 54 page ![]() June 10, 2005 Am29DL642G 19 PRELIMINARY Sector/Sector Block Protection and Unprotection (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Table 7). The hardware sector protection feature disables both program and erase operations in any sector. The hard- ware sector unprotection feature re-enables both pro- gram and erase operations in previously protected sectors. Sector protection/unprotection can be imple- mented via two methods. Table 7. Am29DL642G Boot Sector/Sector Block Addresses for Protection/Unprotection The primary method requires V ID on the RESET# pin only, and can be implemented either in-system or via programming equipment. Figure 2 shows the algo- rithms and Figure 23 shows the timing diagram. This method uses standard microprocessor bus cycle tim- ing. For sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. Note that the sector unprotect algorithm unprotects all sectors in parallel. All previously pro- tected sectors must be individually re-protected. To change data in protected sectors efficiently, the tem- porary sector unprotect function is available. See “Temporary Sector Unprotect”. Sector A21–A12 Sector/ Sector Block Size SA0 0000000000 4 Kwords SA1 0000000001 4 Kwords SA2 0000000010 4 Kwords SA3 0000000011 4 Kwords SA4 0000000100 4 Kwords SA5 0000000101 4 Kwords SA6 0000000110 4 Kwords SA7 0000000111 4 Kwords SA8–SA10 0000001XXX, 0000010XXX, 0000011XXX, 96 (3x32) Kwords SA11–SA14 00001XXXXX 128 (4x32) Kwords SA15–SA18 00010XXXXX 128 (4x32) Kwords SA19–SA22 00011XXXXX 128 (4x32) Kwords SA23–SA26 00100XXXXX 128 (4x32) Kwords SA27-SA30 00101XXXXX 128 (4x32) Kwords SA31-SA34 00110XXXXX 128 (4x32) Kwords SA35-SA38 00111XXXXX 128 (4x32) Kwords SA39-SA42 01000XXXXX 128 (4x32) Kwords SA43-SA46 01001XXXXX 128 (4x32) Kwords SA47-SA50 01010XXXXX 128 (4x32) Kwords SA51-SA54 01011XXXXX 128 (4x32) Kwords SA55–SA58 01100XXXXX 128 (4x32) Kwords SA59–SA62 01101XXXXX 128 (4x32) Kwords SA63–SA66 01110XXXXX 128 (4x32) Kwords SA67–SA70 01111XXXXX 128 (4x32) Kwords SA71–SA74 10000XXXXX 128 (4x32) Kwords SA75–SA78 10001XXXXX 128 (4x32) Kwords SA79–SA82 10010XXXXX 128 (4x32) Kwords SA83–SA86 10011XXXXX 128 (4x32) Kwords SA87–SA90 10100XXXXX 128 (4x32) Kwords SA91–SA94 10101XXXXX 128 (4x32) Kwords SA95–SA98 10110XXXXX 128 (4x32) Kwords SA99–SA102 10111XXXXX 128 (4x32) Kwords SA103–SA106 11000XXXXX 128 (4x32) Kwords SA107–SA110 11001XXXXX 128 (4x32) Kwords SA111–SA114 11010XXXXX 128 (4x32) Kwords SA115–SA118 11011XXXXX 128 (4x32) Kwords SA119–SA122 11100XXXXX 128 (4x32) Kwords SA123–SA126 11101XXXXX 128 (4x32) Kwords SA127–SA130 11110XXXXX 128 (4x32) Kwords SA131–SA133 1111100XXX, 1111101XXX, 1111110XXX 96 (3x32) Kwords SA134 1111111000 4 Kwords SA135 1111111001 4 Kwords SA136 1111111010 4 Kwords SA137 1111111011 4 Kwords SA138 1111111100 4 Kwords SA139 1111111101 4 Kwords SA140 1111111101 4 Kwords SA141 1111111111 4 Kwords Sector A21–A12 Sector/ Sector Block Size |