| Moteur de recherche de fiches techniques de composants électroniques |
|
DFS Fiches technique(PDF) 1 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
DFS Fiches technique(HTML) 1 Page - Formosa MS |
|
|
1 / 1 page ![]() Case No. DFS Device Formosa MS Trailer Device Leader 10 pitches (min) 10 pitches (min) Direction of Feed ....... ....... ....... ....... ....... ....... ....... ....... End Start Material : Card board 0.5 2 0.5 2.4 1.0 17 0.23 0.1 2 0.1 5.85 Index hole 0.1 12.0 1.55 0.1 4.0 2 Material : Plastics Case No. Order code Taping Dimensions Reel Standard Package Leader and Trailer Quantity 360 360 Material : Corrugated card board Standard capacity : 3,000pcs / reel Standard capacity : 30,000pcs / carton (10 reels / carton) Dimensions Dimensions DFS DFS-Series Quantity |
Numéro de pièce similaire - DFS |
|
Description similaire - DFS |