Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMCS1101 Fiches technique(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Fiches technique(HTML) 43 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 39Page - Texas Instruments TMCS1101 Datasheet HTML 40Page - Texas Instruments TMCS1101 Datasheet HTML 41Page - Texas Instruments TMCS1101 Datasheet HTML 42Page - Texas Instruments TMCS1101 Datasheet HTML 43Page - Texas Instruments TMCS1101 Datasheet HTML 44Page - Texas Instruments TMCS1101 Datasheet HTML 45Page - Texas Instruments TMCS1101 Datasheet HTML 46Page - Texas Instruments TMCS1101 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMCS1101A4BQDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TMCS1101A4BQDT
SOIC
D
8
250
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
31-May-2020
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48