Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C930VC/W Fiches technique(PDF) 20 Page - Advanced Micro Devices

No de pièce AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Fiches technique(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 16Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 17Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 18Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 19Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 161 page
background image
20
Am79C930
PRELIMINARY
ISA PLUG AND PLAY CONNECTION DIAGRAM
Notes:
Pin 1 is marked for orientation.
NC = No Connection
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
108
107
106
105
31
4
5
6
7
8
9
10
11
1
2
3
28
29
30
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
32
33
34
35
36
LA19
SA16
LA17
VDDM
XCE
MA11
VSSM
MA9
MA8
MA13
MWE
MA14
MA16
MA15
MA12
VDDM
VCC
MA7
MA6
MA5
VSSM
MA4
MA3
MA2
MA1
MA0
MD0
MD1
VDDM
MD2
MD3
VSSM
MD4
MD5
MD6
MD7
SAR0
SDSEL1
VSST
SDSEL2
VDDT
SDSEL3
ADDATA
SDCLK
LNK
VSST
ACT
VDDU1
IRQ4
IRQ5
IRQ10
VSSU1
IRQ11
IRQ12
RFRSH
VCC
TDI
TRST
TMS
TDO
TCK
PMX1
PMX2
TEST
CLK20
PCMCIA
SD3
SD4
VSSP
SD5
SD6
SD7
Am79C930
20183B-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More