Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C930VCW Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM79C930VCW Datasheet HTML 1Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 2Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 3Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 4Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 5Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 6Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 7Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 8Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 161 page
background image
2
Am79C930
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
Valid Combinations
Valid combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
AM79C930
V
C
DEVICE NUMBER/DESCRIPTION
Am79C930
Single-Chip Wireless LAN Media Access Controller
OPTIONAL PROCESSING
\W = Trimmed and Formed in a Tray
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
V = 144-Pin Thin Quad Flat Pack (PQT144)
SPEED
Not Applicable
\W
Valid Combinations
Am79C930
VC\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More