Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C930VCW Fiches technique(PDF) 158 Page - Advanced Micro Devices

No de pièce AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Fiches technique(HTML) 158 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 153Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 154Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 155Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 156Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 157Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 158Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 159Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 160Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 161Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 158 / 161 page
background image
AMD
P R E L I M I N A R Y
158
Am79C930
PHYSICAL DIMENSIONS
PQT144
144-Pin Thin Quad Flat Pack (measured in millimeters)
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
144
1
1.35
1.45
21.80
22.20
19.80
20.20
21.80
22.20
19.80
20.20
0.17
0.27
16-038-PQT-2_AH
PQT144
5-4-95 ae
*For reference only. BSC is an ANSI standard for Basic Space Centering.
Trademarks
Copyright
© 1997 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
PCnet is a trademark of AMD.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More