| Moteur de recherche de fiches techniques de composants électroniques |
|
LND01 Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LND01 Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 12 page ![]() LND01 DS20005696A-page 4 2017 Microchip Technology Inc. 2.0 PIN DESCRIPTION Table 2-1 shows the description of pins in LND01. Refer to Package Type for the location of pins. TABLE 2-1: PIN FUNCTION TABLE Pin Number Pin Name Description 1 N/C Not connected 2 Gate Gate 3 N/C Not connected 4 Drain Drain 5 Source Source |