Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS2901FD Fiches technique(PDF) 11 Page - Zarlink Semiconductor Inc

No de pièce MAS2901FD
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901FD Fiches technique(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MAS2901FD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 10Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 11Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 12Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MA2901
10
Ref
Millimetres
Inches
Min.
Max.
Min.
Max.
A
1.75
2.49
0.070
0.098
b
0.43
0.53
0.017
0.023
c
0.15
0.25
0.006
0.010
D
26.67
27.69
1.050
1.080
E
15.75
16.76
0.620
0.660
E1
-
17.27
-
0.630
E2
13.21
-
0.520
-
E3
0.76
-
0.030
-
e
1.14
1.40
0.045
0.055
L
7.87
9.40
0.310
0.370
L1
32.51
34.54
1.250
1.360
Q
0.76
1.52
0.030
0.060
S
-
1.14
-
0.045
S1
0.13
-
0.005
-
XG136
1
I8
42 I6
2
I7
41 A0
3
RAM3
40 A1
4
NC
39 A2
5
RAM0
38 A3
6
VCC
37 OE
7
F=0
36 Y3
8
I0
35 Y2
9
I1
34 Y1
10
I2
33 Y0
11
CP
32 P
12
NC
31 OVR
13
Q3
30 Cn+4
14
B0
29 G
15
B1
28 F3
16
B2
27 GND
17
B3
26 Cn
18
Q0
25 I4
19
D3
24 I5
20
D2
23 I3
21
D1
22 D0
E1
E
E3
L
c
Q
A
e
b
S
D
H
S1
E2
L1
Figure 16: 42-Lead Flatpack (Solder Seal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13