| Moteur de recherche de fiches techniques de composants électroniques |
|
L9911 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9911 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 15 page ![]() L9911 4/15 DUTY-PR Phase regulation max field ON duty Fig. 8 26.56 31.25 35.94 % VH_SAT High Side Driver Saturation Voltage (Fig. 10) With driver Isource=500mA 1.5 V VL_SAT Low Side Driver Saturation Voltage (Fig. 10) With driver Isink=500mA 1.5 V VLSB Selfbias without supply Lamp driver Voltage B+ open; L connected to 12V through a 50 Ohm resistor 4V IHSC High Side Driver short circuit current protection B+ = 12.5V; L = GND 1.2 3 A ILSC Low Side Driver short circuit current (see fig. 16) B+ = L = 12.5V 1 2 A VthL Enable Regulator Supply Voltage Threshold 0.8 1.15 Ipd_L L terminal Pull-down Current when the generator is not rotating VL = 0.6V 0.4 3.5 mA I_L_sink L sink current when the generator is rotating P frequency 500Hz; VB+ = 12V 100 µA t-D Diagnostic Alarm Delay Time 0.2 0.5 s Vcan-DFM Test mode to cancel soft start/ attack (voltage) (Fig. 11) 30 50 V tcan-DFM Test mode delay time (Fig. 11) 25 ms VPHL1 Enable control voltage input high threshold square wave f = 1KHz 0.35 V VPHL2 Enable control voltage input low threshold square wave f = 1KHz 0.25 V t_PHL1 Enable Control Voltage Phase Filtering Time 50 115 µs VPHH1 Diagnosis phase loss input high threshold 89 10 V VPHH2_1 Diagnosis phase loss input low threshold 6.4 7.4 8.4 V tPHd Diagnostic Phase Filtering Time 50 100 µs I_Pd-P1 Phase Pull-down Current VP = 0.8V 1 8 mA f-dfm DFM Output open drain switching freq. Ialt=1A~0.9*Inom;1400rpm<rpm<R PMMAX; I_sink=14mA 125 200 Hz VL-DFM Output low voltage saturation I-sink=14mA 1.5 V I-SC_DFM Short circuit current protection VB+ = VDFM = 12.5V 50 400 mA Ilk-DFM Output leakage current VDFM=16V at DFM driver OFF 5 µA t-TM Output voltage rise time R=1K Ohm (Fig. 7) 0.5 50 µs t-TD Output voltage fall time R=1K Ohm (Fig. 7) 0.5 50 µs Table 5. ELECTRICAL CHARACTERISTCS (continued) (Tj = -40°C to 150°C; unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit |