Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT21CS11 Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Fiches technique(HTML) 37 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 33Page - Microchip Technology AT21CS11 Datasheet HTML 34Page - Microchip Technology AT21CS11 Datasheet HTML 35Page - Microchip Technology AT21CS11 Datasheet HTML 36Page - Microchip Technology AT21CS11 Datasheet HTML 37Page - Microchip Technology AT21CS11 Datasheet HTML 38Page - Microchip Technology AT21CS11 Datasheet HTML 39Page - Microchip Technology AT21CS11 Datasheet HTML 40Page - Microchip Technology AT21CS11 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
10.
Packaging Information
10.1
Package Marking Information
DRAWING NO.
REV.
TITLE
21CS01/11SM
A
9/11/17
AT21CS01/11SM, AT21CS01 and AT21CS11 Package
Marking Information
YYWWNNN
### % CO
ATMLHYWW
8-lead SOIC
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
AT21CS01/AT21CS11: Package Marking Information
Diagram Order: EIAJ,PDIP,SOIC,TSSOP,UDFN,SOT23,VFBGA,XDFN
Catalog Number Truncation
AT21CS01
AT21CS11
Truncation Code ###: K1M
Truncation Code ###: K2
Date Codes
Slave Address
Y = Year
M = Month
WW = Work Week of Assembly
% = Slave Address
7: 2017
1: 2021
A: January
02: Week 2
A: Address 000
E: Address 100
8: 2018
2: 2022
B: February
04: Week 4
B: Address 001
F: Address 101
9: 2019
3: 2023
...
...
C: Address 010 G: Address 110
0: 2020
4: 2024
L: December
52: Week 52
D: Address 011
H: Address 111
Country of Assembly
Trace Code
Atmel Truncation
CO = Country of Assembly
NNN or NN
AT: Atmel
ATM: Atmel
ATML: Atmel
l
WWNNN
3-lead SOT-23
NN
4-ball WLCSP
ATML
###%Y
WWNNN
2-ld XSFN
(AT21CS01 only)
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47