Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL3GC402B0SC Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce GL3GC402B0SC
Description  HIGH-LUMINOSITY LED LAMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GL3GC402B0SC Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL3GC402B0SC Datasheet HTML 2Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 3Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 4Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 5Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 6Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 7Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 8Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 9Page - List of Unclassifed Manufacturers GL3GC402B0SC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LED
100
HIGH-LUMINOSITY CHIP LED
✩New product
★Under development
■ HIGH-LUMINOSITY (AlGaInP) CHIP LEDs (Taped models only)
*1 LT1JS67A, LT1JV67A, GM1JV55200AE series, GM1JV35200AE series, GM1JV40300AE series, LT1JV45A series: IF = 5 mA
*2 GM4JV81200AE series: IF = 10 mA
*3 GM5ZR01200A series, GM5ZR03200Z series: IF = 60 mA
*4 GM5YV01210A series: IF = 90 mA
Outline
dimensions
(mm)
Resin type
Green
Luminous
intensity
(mcd)
TYP.
Yellow-green Luminous
intensity
(mcd)
TYP.
Amber
Luminous
intensity
(mcd)
TYP.
Sunset
orange
Luminous
intensity
(mcd)
TYP.
Orange
Luminous
intensity
(mcd)
TYP.
Red
Luminous
intensity
(mcd)
TYP.
1.6
× 0.8 (T: 0.35)
●
GM1JE35200AE*1
13
GM1JV35200AE*1 18.8
GM1JS35200AE*1
19
GM1JJ35200AE*1
19
GM1JR35200AE*1
13
1.6
× 0.8 (T: 0.55)
●
GM1JE55200AE*1
13
GM1JV55200AE*1 16.8
GM1JS55200AE*1 20.9
GM1JJ55200AE*1
19
1.6
× 0.8 (T: 0.8)
●
LT1ZG67A
6.1
LT1ZE67A
25.4
LT1ZV67A
78.7
LT1ZS67A
123.2
LT1ZJ67A
123.3
LT1ZR67A
73.9
●
GM1ZV80300AE
75
GM1ZS80300AE
75
GM1ZJ80300AE
75
GM1ZR80300AE
55
●
LT1JV67A*1
16.5
LT1JS67A*1
14.1
2.0
× 1.25 (T: 0.8)
●
LT1ZG40A
6.2
LT1ZE40A
28.2
LT1ZV40A
92.7
LT1ZS40A
144.1
LT1ZJ40A
127.8
LT1ZR40A
78.7
●
GM1ZV40300AE
60
GM1ZS40300AE
78
GM1ZJ40300AE
60
GM1ZR40300AE
55
●
GM1JV40300AE
11
GM1JS40300AE
12
GM1JJ40300AE
9.5
3.2
× 2.8 (T: 1.9)
●
LT1ZG95A
15
LT1ZE95A
45
LT1ZV95A
170
LT1ZS95A
290
LT1ZJ95A
200
GM5ZR95200AE
100
●
GM5JV95200AE
80
GM5JS95200AE
90
GM5JJ95200AE
70
6.0
× 5.0 (T: 2.5)
●
GM5ZV01200A*3
500
GM5ZS01200A*3
700
GM5ZJ01200A*3
500
GM5ZR01200A*3 400
●
GM5YV01210A*4 1 300
GM5YS01210A*4 1 700
GM5YJ01210A*4 1 500
6.0
× 5.0 (T: 2.3)
(board insertion type)
●
GM5ZV03200Z*3
500
GM5ZS03200Z*3
700
GM5ZJ03200Z*3
500
GM5ZR03200Z*3
400
1.6
× 1.15 (T: 0.8)
(Side emitting)
●
GM4JV81200AE*2
35
GM4JS81200AE*2
40
GM4JJ81200AE*2
40
GM4JR81200AE*2
30
●
★ GM4JR81250AE*2 (45)
2.7
× 1.3 (T: 1.2)
(Side emitting)
●
LT1JV45A*1
20
LT1JS45A*1
24
LT1JJ45A*1
16
(I F = 20 mA, Ta = 25°C)
Z G
J E
Z E
J V
Z V
Y V
J S
Z S
Y S
J J
Z J
Y J
J R
Z R
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com