| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2129T Fiches technique(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129T Fiches technique(HTML) 51 Page - NXP Semiconductors |
|
51 / 86 page ![]() PCF2129 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 7 — 19 December 2014 51 of 86 NXP Semiconductors PCF2129 Accurate RTC with integrated quartz crystal for industrial applications 9. Interfaces The PCF2129 has an I2C-bus or SPI-bus interface using the same pins. The selection is done using the interface selection pin IFS (see Table 74). 9.1 SPI-bus interface Data transfer to and from the device is made by a 3 line SPI-bus (see Table 75). The data lines for input and output are split. The data input and output line can be connected together to facilitate a bidirectional data bus (see Figure 29). The SPI-bus is initialized whenever the chip enable line pin SDA/CE is inactive. Table 74. Interface selection input pin IFS Pin Connection Bus interface Reference IFS VSS SPI-bus Section 9.1 BBS I2C-bus Section 9.2 To select the SPI-bus interface, pin IFS has to be connected to pin VSS. To select the I2C-bus interface, pin IFS has to be connected to pin BBS. a. SPI-bus interface selection b. I2C-bus interface selection Fig 28. Interface selection Fig 29. SDI, SDO configurations |