Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2129AT Fiches technique(PDF) 78 Page - NXP Semiconductors

No de pièce PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Fiches technique(HTML) 78 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 74Page - NXP Semiconductors PCF2129AT Datasheet HTML 75Page - NXP Semiconductors PCF2129AT Datasheet HTML 76Page - NXP Semiconductors PCF2129AT Datasheet HTML 77Page - NXP Semiconductors PCF2129AT Datasheet HTML 78Page - NXP Semiconductors PCF2129AT Datasheet HTML 79Page - NXP Semiconductors PCF2129AT Datasheet HTML 80Page - NXP Semiconductors PCF2129AT Datasheet HTML 81Page - NXP Semiconductors PCF2129AT Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
78 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
21. References
[1]
AN10365 — Surface mount reflow soldering description
[2]
AN10853 — Handling precautions of ESD sensitive devices
[3]
AN11186 — Application and soldering information for the PCA2129 and PCF2129
TCXO RTC
[4]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[5]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[6]
IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices
[7]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[8]
JESD22-C101 — Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components
[9]
JESD78 — IC Latch-Up Test
[10] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[11] SOT162-1_518 — SO16; Reel pack; SMD, 13”, packing information
[12] SOT163-1_518 — SO20; Reel pack; SMD, 13”, packing information
[13] UM10204 — I2C-bus specification and user manual
[14] UM10569 — Store and transport requirements
[15] UM10762 — User manual for the accurate RTC demo board OM13513 containing
PCF2127T and PCF2129AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86