| Moteur de recherche de fiches techniques de composants électroniques |
|
DP83261AVF Fiches technique(PDF) 62 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF Fiches technique(HTML) 62 Page - National Semiconductor (TI) |
|
62 / 132 page ![]() 60 Control Information (Continued) Frame Received Counter (FRCT) The Frame Received Counter (FRCT) is specified in the FDDI MAC Standard It is the count of all complete frames received including MAC frames Void frames and frames stripped by this station Interrupts are available on increment (CILRFRRCV) and when the 20-bit counter overflows and wraps around (COLRFRRCV) ACCESS RULES Address Read Write A0 – A3h Always Stop Mode D7 D6 D5 D4 D3 D2 D1 D0 FRCT0 Zero Zero Zero Zero Zero Zero Zero Zero FRCT1 Zero Zero Zero Zero CT(19) CT(18) CT(17) CT(16) FRCT2 CT(15) CT(14) CT(13) CT(12) CT(11) CT(10) CT(9) CT(8) FRCT3 CT(7) CT(6) CT(5) CT(4) CT(3) CT(2) CT(1) CT(0) 62 |