Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2S2602FUD Fiches technique(PDF) 40 Page - NXP Semiconductors

No de pièce SL2S2602FUD
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602FUD Fiches technique(HTML) 40 Page - NXP Semiconductors

Back Button SL2S2602FUD Datasheet HTML 36Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 37Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 38Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 39Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 40Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 41Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 42Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 43Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
40 / 55
9.7 Data integrity
Following mechanisms are implemented in the contactless communication link between
interrogator and label to ensure very reliable data transmission:
• 16-bit CRC per block
• Bit count checking
• Bit coding to distinguish between logic 1, logic 0, and no information
• Channel monitoring (protocol sequence and bit stream analysis)
9.8 RF interface
The definition of the RF interface is according to the standard ISO/IEC 15693-2 and ISO/
IEC 15693-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55