| Moteur de recherche de fiches techniques de composants électroniques |
|
9321 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
9321 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF10209 June 1989 9321DM9321 Dual 1-of-4 Decoder General Description The 9321 consists of two independent multipurpose decod- ers each designed to accept two inputs and provide four mutually exclusive outputs In addition an active LOW en- able input which gives demultiplexing capability is provided for each decoder Features Y Multifunction capability Y Mutually exclusive outputs Y Demultiplexing capability Y Active low enable for each decoder Connection Diagram Dual-In-Line Package TLF10209 – 1 Order Number 9321DMQB 9321FMQB or DM9321N See NS Package Number J16A N16E or W16A Logic Symbol TLF10209 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description Ea Eb Enable Inputs (Active LOW) A0a A1a A0b A1b Address Inputs O0a–O3a Decoder Outputs (Active LOW) O0b–O3b ( C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 9321 |
|
Description similaire - 9321 |