| Moteur de recherche de fiches techniques de composants électroniques |
|
XAM6528ACDXEAF Fiches technique(PDF) 126 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6528ACDXEAF Fiches technique(HTML) 126 Page - Texas Instruments |
|
126 / 277 page ![]() 126 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated (1) For additional details about supported AVS Voltages, refer to the footnotes associated with Section 5.4, Recommended Operating Conditions. Table 5-4 describes the standard processor clocks speed characteristics vs OPP of the device. Table 5-4. Supported OPP vs Max Frequency(1)(2) DESCRIPTION OPP_NOM OPP_OD OPP_TURBO MAXIMUM FREQUENCY (MHz) MAXIMUM FREQUENCY (MHz) MAXIMUM FREQUENCY (MHz) VD_CORE GPU 450 N/A N/A DDR3L/DDR4 800 (DDR-1600) N/A N/A LPDDR4 667 (DDR-1333) N/A N/A CBASS0 250 N/A N/A ICSSG 250 N/A N/A VD_MPU0 MPU0 800 1000 1100 VD_MPU1 MPU1 800 1000 1100 VD_MCU MCU 400 N/A N/A VD_WKUP DMSC 200 N/A N/A (1) N/A stands for Not Applicable. (2) Maximum supported frequency is limited according to the Table 5-1, Speed Grade Maximum Frequency. |