| Moteur de recherche de fiches techniques de composants électroniques |
|
XAM6528ACDXEAF Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6528ACDXEAF Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 277 page ![]() Copyright © 2017–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 12 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Table 4-1. Pin Attributes (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] MUXMODE [4] TYPE [5] BALL RESET STATE [6] BALL RESET REL. MUXMODE [7] I/O VOLTAGE VALUE [8] POWER [9] HYS [10] BUFFER TYPE [11] PULL UP/DOWN TYPE [12] DSIS [13] RXACTIVE/ TXDISABL E [14] IO Daisy Chain [15] D9 DDR_AC1 DDR_AC1 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C9 DDR_AC2 DDR_AC2 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E9 DDR_AC3 DDR_AC3 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No A9 DDR_AC4 DDR_AC4 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E8 DDR_AC5 DDR_AC5 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F8 DDR_AC6 DDR_AC6 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C7 DDR_AC7 DDR_AC7 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C8 DDR_AC8 DDR_AC8 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D7 DDR_AC9 DDR_AC9 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E7 DDR_AC10 DDR_AC10 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No A6 DDR_AC11 DDR_AC11 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F7 DDR_AC12 DDR_AC12 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D6 DDR_AC13 DDR_AC13 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C6 DDR_AC14 DDR_AC14 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F6 DDR_AC15 DDR_AC15 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E6 DDR_AC16 DDR_AC16 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E5 DDR_AC17 DDR_AC17 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D8 DDR_AC18 DDR_AC18 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D10 DDR_AC19 DDR_AC19 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E10 DDR_AC20 DDR_AC20 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C10 DDR_AC21 DDR_AC21 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F11 DDR_AC22 DDR_AC22 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B10 DDR_AC23 DDR_AC23 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No |