| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6526 Fiches technique(PDF) 92 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 Fiches technique(HTML) 92 Page - Texas Instruments |
|
92 / 277 page ![]() 92 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2019, Texas Instruments Incorporated Table 4-53. PRU_ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AF23 PRG1_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AD21 PRG1_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AH20 PRG1_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AH21 PRG1_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AG20 PRG1_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AD19 PRG1_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AH24 PRG1_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AH23 PRG1_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AG21 PRG1_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AH22 PRG1_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AE20 PRG1_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AF19 PRG1_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AH19 PRG1_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AG19 PRG1_UART0_CTSn PRU_ICSSG UART Clear to Send (active low) I AF26 PRG1_UART0_RTSn PRU_ICSSG UART Request to Send (active low) O AH25 PRG1_UART0_RXD PRU_ICSSG UART Receive Data I AF25 PRG1_UART0_TXD PRU_ICSSG UART Transmit Data O AF24 Table 4-54. PRU_ICSSG2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG2_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AE16 PRG2_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I AD14 PRG2_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O AG14 PRG2_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O(1) A23 PRG2_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AD12 PRG2_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AE12 PRG2_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AH12 PRG2_IEP0_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AF12 PRG2_IEP0_EDIO_DATA_IN_OUT28 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO R23 PRG2_IEP0_EDIO_DATA_IN_OUT29 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO T24 PRG2_IEP0_EDIO_DATA_IN_OUT30 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO R25 PRG2_IEP0_EDIO_DATA_IN_OUT31 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO T27 PRG2_IEP1_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I R23 PRG2_IEP1_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I R25 PRG2_IEP1_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O T24 PRG2_IEP1_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O T27 |