Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6528 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6528
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Fiches technique(HTML) 3 Page - Texas Instruments

  AM6528 Datasheet HTML 1Page - Texas Instruments AM6528 Datasheet HTML 2Page - Texas Instruments AM6528 Datasheet HTML 3Page - Texas Instruments AM6528 Datasheet HTML 4Page - Texas Instruments AM6528 Datasheet HTML 5Page - Texas Instruments AM6528 Datasheet HTML 6Page - Texas Instruments AM6528 Datasheet HTML 7Page - Texas Instruments AM6528 Datasheet HTML 8Page - Texas Instruments AM6528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 277 page
background image
3
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2019, Texas Instruments Incorporated
Modulator (EHRPWM) modules
• One Enhanced Capture (ECAP) module
• 3× Enhanced Quadrature Encoder Pulse (EQEP)
modules
Automotive interfaces:
• 2× Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Audio interfaces:
• 3× Multichannel Audio Serial Port (MCASP)
modules
Media and data storage:
• 2× Multimedia Card™/ Secure Digital® ( MMC™/
SD®) interfaces
Simplified power management:
• Simplified power sequence with full support for
dual voltage I/O
• Integrated LDOs reduces power solution
complexity
• Integrated SDIO LDO for handling automatic
voltage transition for SD interface
• Integrated Power On Reset (POR) generation
reducing power solution complexity
• Integrated voltage supervisor for functional safety
monitoring
• Integrated power supply glitch detector for
detecting fast power supply transients
Analog/system integration:
• Integrated USB VBUS detection
• Fail safe I/O for DDR RESET
• All I/O pins drivers disabled during reset to avoid
bus conflicts
• Default I/O pulls disabled during reset to avoid
system conflicts
• Support dynamic I/O pinmux configuration change
System-on-Chip (SoC) architecture:
• Supports primary boot from UART, I2C, OSPI,
HyperBus, parallel NOR Flash, SD or eMMC™,
USB, PCIe, and Ethernet interfaces
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 784-pin FCBGA
(ACD)
1.2
Applications
•
Industrial Programmable Logic Controllers (PLC)
•
Factory automation with safety functions
•
Multi-protocol fieldbus communications
•
Industrial PC
•
Industrial robots
•
Human Machine Interface (HMI)
•
Grid infrastructure protection relays
•
Robotic motor drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More