| Moteur de recherche de fiches techniques de composants électroniques |
|
HC5503PRIBZ Fiches technique(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HC5503PRIBZ Fiches technique(HTML) 2 Page - Intersil Corporation |
|
2 / 8 page ![]() 2 FN6101.0 Absolute Maximum Ratings Thermal Information Maximum Continuous Supply Voltages (VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V (VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7V (VB+ - VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V Relay Drive Voltage (VRD). . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V Operating Conditions Operating Temperature Range . . . . . . . . . . . . . . . . . .-40°C to 85°C Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . 5V to 12V Positive Supply Voltage (VB+) . . . . . . . . . . . . . . . . . . 4.75V to 5.25V Negative Supply Voltage (VB-). . . . . . . . . . . . . . . . . . . .-40V to -58V High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V Subscriber Loop Resistance . . . . . . . . . . . . . . . . . . . 200 Ω - 1800Ω Thermal Resistance (Typical, Note 2 θJA (°C/W) 24 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . . 150°C Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C (SOIC - Lead Tips Only) Die Characteristics Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185 Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102 Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional operability under any of these conditions is not necessarily implied. 2. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications Unless Otherwise Specified, VB- = -48V, VB+ = 5V, AG = BG = DG = 0V, RP = 50Ω, RS = 100Ω, Typical Parameters. TA = 25°C. Min-Max Parameters are Over Operating Temperature Range PARAMETER CONDITIONS MIN TYP MAX UNITS On Hook Power Dissipation ILONG = 0 (Notes 3,4) - 113 - mW Off Hook Power Dissipation RL = 600Ω, ILONG = 0 (Notes 3, 4) - 750 - mW On Hook IB+RL = ∞, ILONG = 0 - 1.4 - mA Off Hook IB+RL = 600Ω, ILONG = 0 - 2.8 - mA On Hook IB-RL = ∞, ILONG = 0 - 2.2 - mA Off Hook IB-RL = 600Ω, ILONG = 0 - 31 - mA Off Hook Loop Current RL = 1800Ω (ILOOP = 0) 18 - - mA Off Hook Loop Current RL = 200Ω, ILONG = 0 (Note 3) 25 30 35 mA Fault Currents TIP to Ground -27 - mA RING to Ground -55 - mA TIP to RING -30 - mA TIP and RING to Ground -69 - mA Ring Relay Drive VOL IOL = 62mA - 0.2 0.5 V Ring Relay Driver Off Leakage VRD = 12V, RC = 1 = HIGH, TA = 25°C - - 100 µA DC Ring Trip Threshold 6.5 10 13.5 mA Switch Hook Detection Threshold 5.0 7.5 10 mA Loop Current During Power Denial RL = 200Ω -3.2 - mA Dial Pulse Distortion (Note 4) 0 - 0.5 ms Receive Input Impedance (Note 4) - 110 - k Ω Transmit Output Impedance (Note 4) - 10 20 Ω HC5503PRI |